PART |
Description |
Maker |
V54C316162V-6 V54C316162V-55 V54C316162V-7 |
200/183/166/143 MHz 3.3 VOLT, 4K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16 200/183/166/143 MHz.3伏,刷新4K的超高性能100万16 SDRAMX 512Kbit × 16 MORAY EEL 200/183/166/143 MHz.3伏,刷新4K的超高性能100万16 SDRAM组X 512Kbit × 16 200/183/166/143 MHz 3.3 VOLT/ 4K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
|
Mosel Vitelic, Corp. Macronix International Co., Ltd. Mosel Vitelic Corp
|
EN27LV512 EN27LV512B EN27LV512B90PI EN27LV512B90TI |
512KBIT EPROM (64K x 8) 512Kbit EPROM (64K x 8). Speed 90ns. Single 3.3V power supply - unregulated power supply 2.7V - 3.6V
|
Eon Silicon Solution
|
M68Z128 |
5V, 1Mbit(128Kbx8) Low Power SRAM with Output Enable(1Mb低功耗SRAM)
|
意法半导
|
M95512-DFMN6TP M95512-DFDW6TP |
512Kbit Serial Bus EEPROM
|
ST Microelectronics
|
FM21LD16 FM21LD16-60-BG FM21LD16-60-BGTR |
2Mbit F-RAM Memory
|
Ramtron International Corporation
|
FM21LD1611 FM21LD16-60-BGTR |
2Mbit F-RAM Memory
|
Ramtron International Corporation Ramtron International Corpo...
|
23LC512 |
512Kbit SPI Serial SRAM with SDI and SQI Interface
|
Microchip Technology
|
AT25F512AN-10SH-2.7 AT25F512AY4-10YH-2.7 AT25F512A |
512Kbit High Speed SPI Serial Flash Memory
|
ATMEL[ATMEL Corporation]
|
UN222X UNR2222 UNR2223 UNR2224 UNR2221 |
Silicon NPN epitaxial planar type Flash Memory IC; Leaded Process Compatible:Yes; Memory Configuration:128K x 8; Memory Size:1Mbit; Package/Case:32-PLCC; Supply Voltage Max:5.5V Flash Memory IC; Access Time, Tacc:120ns; Package/Case:32-TSOP; Memory Configuration:128K x 8; Memory Size:1Mbit; Supply Voltage Max:5.5V; Mounting Flash Memory IC; Access Time, Tacc:45ns; Package/Case:32-TSOP; Memory Configuration:128K x 8; Memory Size:1Mbit; Supply Voltage Max:5.5V; Mounting POT THUMBWHEEL 10K OHM LINEAR
|
Panasonic Semiconductor Panasonic Corporation
|
STLC5432 STLC5432Q |
2Mbit CEPT & PRIMARY RATE CONTROLLER DEVICE
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
AT61162E |
Radiation Hard 2Mbit x 8 SRAM Cube. Made of 16 stacked 128K x 8 SRAMs.
|
Atmel
|
FM28V100 FM28V100-TG FM28V100-TGTR |
1Mbit Bytewide F-RAM Memory
|
Ramtron International Corporation
|